PART |
Description |
Maker |
CY7C192-15VXC |
64K x 4 Static RAM with Separate IO; Density: 256 Kb; Organization: 64Kb x 4; Vcc (V): 4.5 to 5.5 V; 64K X 4 STANDARD SRAM, 15 ns, PDSO28 64 K × 4 Static RAM with Separate IO CMOS for optimum speed/power
|
Cypress Semiconductor, Corp.
|
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
STR7101 STR7000 |
(STR7101 - STR7103) Separate Excitation Switching Type (STR7000 - STR7003) Separate Excitation Switching Type
|
Sanken electric
|
TC55WDM518AFFN15 TC55WDM518AFFN16 TC55WDM518AFFN20 |
36M 2.5V Pipelined NtRAM TM 2M Word by 18Bit SYNCHRONOUS NO-TURNAROUND STATIC RAM
|
TOSHIBA
|
SI-8050S SI-8150S SI-8000S SI-8090S SI-8120S SI-80 |
3 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PSFM5 Full-Mold Separate Excitation Switching Type Full-Mold, Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
SANKEN[Sanken electric]
|
GS815218 |
16MbM x 18Bit)S/DCD Burst SRAM(16M位(1M x 18位)可选单/双循环取消同步静态RAM(带2位脉冲地址计数器))
|
GSI Technology
|
GS88018 |
8Mb12K x 18Bit) Synchronous Burst SRAM(8M位(512K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
GSI Technology
|
THC63LVDF64B THC63LVDF84B |
LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER LVDS24Bit/18Bit彩色主机- LCD面板接口接收
|
THine Electronics, Inc.
|
LTC2412 LTC2424 LTC2412CGN |
2-Channel Differential Input 24-Bit No Latency Delta Sigma ADC 2-Ch Differential Input 24-Bit No Latency Delta Sigma 16-Bit 2.5-V to 3.3-V/3.3-V To 5-V Level Shifting Transceiver With 3-State Outputs 48-SSOP -40 to 85 16-Bit Universal Bus Driver With 3-State Outputs 48-TVSOP -40 to 85 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
M29KW016E 8769 M29KW016E90ZA1T M29KW016E110M1T M29 |
16 MBIT (1MB X16, UNIFORM BLOCK)3V SUPPLY LIGHTFLASHMEMORY 16 Mbit (1Mb x16 / Uniform Block) 3V Supply LightFlash Memory 16 MBIT (1MB X16, UNIFORM BLOCK)3V SUPPLY LIGHTFLASH? MEMORY From old datasheet system 16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MPC2105A MPC2106ASG66 MPC2105B |
(MPC2105x / MPC2106x) 512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms 512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms 128K X 72 CACHE TAG SRAM MODULE, 9 ns, DMA178 512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms 512KBMB的二级缓存模块BurstRAM为PowerPC制备/ CH旺平
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
AD1555 AD1555AP AD1555APZ AD1555XP AD1556 AD1556AS |
24 Bit Sigma-Delta ADC with Low Noise PGA 24-Bit, 121 dB typical SNR, Sigma-Delta A/D converter with Integrated PGA; Package: PLCC; No of Pins: 28; Temperature Range: Industrial Digital Filter-Decimator for 24-Bit Sigma-Delta AD 24-Bit, 121 dB typical SNR, Sigma-Delta ADC with integrated PGA Digital Filter/Decimator for 24-Bit Sigma-Delta ADC 24-Bit - ADC with Low Noise PGA 24-Bit ADC WITH LOW NOISE PGA
|
ANALOG DEVICES INC Analog Devices, Inc.
|